Part Number Hot Search : 
GRM32 ISL95520 HCP3000 BAV21WS 2SPBF 1CGKW SSD1821Z B1020
Product Description
Full Text Search
 

To Download TIP100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP100, TIP101, TIP102 NPN SILICON POWER DARLINGTONS
Copyright (c) 1997, Power Innovations Limited, UK AUGUST 1978 - REVISED MARCH 1997
q
Designed for Complementary Use with TIP105, TIP106 and TIP107 80 W at 25C Case Temperature 8 A Continuous Collector Current Maximum VCE(sat) of 2.5 V at IC = 8 A
B C E
q q q
TO-220 PACKAGE (TOP VIEW)
1 2 3
Pin 2 is in electrical contact with the mounting base.
MDTRACA
absolute maximum ratings at 25C case temperature (unless otherwise noted)
RATING TIP100 Collector-base voltage (IE = 0) TIP101 TIP102 TIP100 Collector-emitter voltage (IB = 0) Emitter-base voltage Continuous collector current Peak collector current (see Note 1) Continuous base current Continuous device dissipation at (or below) 25C case temperature (see Note 2) Continuous device dissipation at (or below) 25C free air temperature (see Note 3) Unclamped inductive load energy (see Note 4) Operating junction temperature range Storage temperature range Lead temperature 3.2 mm from case for 10 seconds NOTES: 1. 2. 3. 4. TIP101 TIP102 V EBO IC ICM IB Ptot Ptot 1/2LIC 2 Tj Tstg TL VCEO VCBO SYMBOL VALUE 60 80 100 60 80 100 5 8 15 1 80 2 10 -65 to +150 -65 to +150 260 V A A A W W mJ C C C V V UNIT
This value applies for tp 0.3 ms, duty cycle 10%. Derate linearly to 150C case temperature at the rate of 0.64 W/C. Derate linearly to 150C free air temperature at the rate of 16 mW/C. This rating is based on the capability of the transistor to operate safely in a circuit of: L = 20 mH, IB(on) = 5 mA, R BE = 100 , VBE(off) = 0, RS = 0.1 , VCC = 20 V.
PRODUCT
INFORMATION
Information is current as of publication date. Products conform to specifications in accordance with the terms of Power Innovations standard warranty. Production processing does not necessarily include testing of all parameters.
1
TIP100, TIP101, TIP102 NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
electrical characteristics at 25C case temperature
PARAMETER V (BR)CEO Collector-emitter breakdown voltage Collector-emitter cut-off current Collector cut-off current Emitter cut-off current Forward current transfer ratio Collector-emitter saturation voltage Base-emitter voltage Parallel diode forward voltage IC = 30 mA (see Note 5) VCE = 30 V V CE = 40 V V CE = 50 V VCB = 60 V V CB = 80 V V CB = 100 V VEB = VCE = V CE = IB = 5V 4V 4V 6 mA IB = 0 IB = 0 IB = 0 IE = 0 IE = 0 IE = 0 IC = 0 IC = 3 A IC = 8 A IC = 3 A IC = 8 A IC = 8 A IB = 0 (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) (see Notes 5 and 6) 1000 200 2 2.5 2.8 3.5 V V V TEST CONDITIONS TIP100 IB = 0 TIP101 TIP102 TIP100 TIP101 TIP102 TIP100 TIP101 TIP102 MIN 60 80 100 50 50 50 50 50 50 8 20000 mA A A V TYP MAX UNIT
ICEO
ICBO
IEBO hFE VCE(sat) VBE VEC
IB = 80 mA VCE = IE = 4V 8A
NOTES: 5. These parameters must be measured using pulse techniques, tp = 300 s, duty cycle 2%. 6. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
thermal characteristics
PARAMETER RJC RJA CC Junction to case thermal resistance Junction to free air thermal resistance Thermal capacitance of case 0.9 MIN TYP MAX 1.56 62.5 UNIT C/W C/W J/C
resistive-load-switching characteristics at 25C case temperature
PARAMETER td tr ts tf
TEST CONDITIONS IC = 8 A V BE(off) = -5 V IB(on) = 80 mA RL = 5
MIN IB(off) = -80 mA tp = 20 s, dc 2%
TYP 35 350 1.8 2.45
MAX
UNIT ns ns s s
Delay time Rise time Storage time Fall time
Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
PRODUCT
INFORMATION
2
TIP100, TIP101, TIP102 NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
TYPICAL CHARACTERISTICS
TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT
VCE(sat) - Collector-Emitter Saturation Voltage - V 50000
TCS130AA
COLLECTOR-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
2*0 tp = 300 s, duty cycle < 2% IB = IC / 100
TCS130AB
hFE - Typical DC Current Gain
TC = -40C TC = 25C TC = 100C 10000
1*5
1000
1*0
VCE = 4 V tp = 300 s, duty cycle < 2% 100 0*5 1*0 IC - Collector Current - A 10
TC = -40C TC = 25C TC = 100C 0*5 0*5 1*0 IC - Collector Current - A 10
Figure 1.
Figure 2.
BASE-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT
3*0 VBE(sat) - Base-Emitter Saturation Voltage - V TC = -40C TC = 25C TC = 100C
TCS130AC
2*5
2*0
1*5
1*0 IB = IC / 100 tp = 300 s, duty cycle < 2% 0*5 0*5 1*0 IC - Collector Current - A 10
Figure 3.
PRODUCT
INFORMATION
3
TIP100, TIP101, TIP102 NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
MAXIMUM SAFE OPERATING REGIONS
MAXIMUM FORWARD-BIAS SAFE OPERATING AREA
100
SAS130AA
IC - Collector Current - A
10
tp = 100 s, d = 0.1 = 10% tp = 1 ms, d = 0.1 = 10% tp = 5 ms, d = 0.1 = 10% DC Operation
1*0
TIP100 TIP101 TIP102 0*1 1*0 10 100 1000
VCE - Collector-Emitter Voltage - V
Figure 4.
THERMAL INFORMATION
MAXIMUM POWER DISSIPATION vs CASE TEMPERATURE
100 Ptot - Maximum Power Dissipation - W
TIS130AA
80
60
40
20
0 0 25 50 75 100 125 150 TC - Case Temperature - C
Figure 5.
PRODUCT
INFORMATION
4
TIP100, TIP101, TIP102 NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
MECHANICAL DATA TO-220 3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic compound. The compound will withstand soldering temperature with no deformation, and circuit performance characteristics will remain stable when operated in high humidity conditions. Leads require no additional cleaning or processing when used in soldered assembly.
TO220 4,70 4,20
o
3,96 3,71
10,4 10,0
2,95 2,54 6,6 6,0 15,90 14,55
1,32 1,23
see Note B
see Note C
6,1 3,5
0,97 0,61 1 2 3
1,70 1,07
14,1 12,7
2,74 2,34 5,28 4,88 2,90 2,40
0,64 0,41
VERSION 1
VERSION 2
ALL LINEAR DIMENSIONS IN MILLIMETERS NOTES: A. The centre pin is in electrical contact with the mounting tab. B. Mounting tab corner profile according to package version. C. Typical fixing hole centre stand off height according to package version. Version 1, 18.0 mm. Version 2, 17.6 mm. MDXXBE
PRODUCT
INFORMATION
5
TIP100, TIP101, TIP102 NPN SILICON POWER DARLINGTONS
AUGUST 1978 - REVISED MARCH 1997
IMPORTANT NOTICE
Power Innovations Limited (PI) reserves the right to make changes to its products or to discontinue any semiconductor product or service without notice, and advises its customers to verify, before placing orders, that the information being relied on is current. PI warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with PI's standard warranty. Testing and other quality control techniques are utilized to the extent PI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed, except as mandated by government requirements. PI accepts no liability for applications assistance, customer product design, software performance, or infringement of patents or services described herein. Nor is any license, either express or implied, granted under any patent right, copyright, design right, or other intellectual property right of PI covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. PI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, INTENDED, AUTHORIZED, OR WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT APPLICATIONS, DEVICES OR SYSTEMS.
Copyright (c) 1997, Power Innovations Limited
PRODUCT
INFORMATION
6


▲Up To Search▲   

 
Price & Availability of TIP100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X